Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 412 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 412 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 408Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 409Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 410Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 411Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 412Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 413Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 414Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 415Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 416Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
334
Freescale Semiconductor
16.5.1.2
Registers
Any attempt to access registers or register bitfields which are not present in the final instantiation will
result in a read returning zeroed data and writes being ignored.
16.5.2
Access Protections
The AIPS provides programmable access protections for both masters and peripherals. It allows the
privilege level of a master to be overridden, forcing it to user-mode privilege, and allows masters to be
designated as trusted or untrusted. Peripherals may require supervisor privilege level for access, may
restrict access to a trusted master only, and may be write-protected.
This functionality is described in Section 16.4.3.1, “Master Privilege Registers (MPROT),”
Section 16.4.3.2, “Peripheral Access Control Registers (PACR),” and Section 16.4.3.3, “Off-Platform
Peripheral Access Control Registers (OPACRs).”
16.5.3
Access Support
Aligned word and halfword accesses, as well as byte accesses are supported for 32-bit peripherals.
Peripheral registers must not be misaligned, although no explicit checking is performed by the AIPS.
16.5.4
Read Cycles
Two clock read accesses are possible to on-platform peripherals with the AIPS when the requested access
size is 32-bits or smaller.
16.5.5
Write Cycles
Three clock write accesses are possible to on-platform peripherals with the AIPS when the requested
access size is 32-bits or smaller.
16.5.6
Aborted Cycles
The AIPS follows a standard procedure when a system bus cycle is aborted and the abort is initiated by the
AIPS itself or the targeted IP bus peripheral. The AIPS either blocks initiation or immediately terminates
any IP bus activity that is ongoing.
There are several conditions that can cause the AIPS to abort the current operation and report an error. The
first is the case in which the targeted IP bus peripheral asserts a bus error. In this case the AIPS immediately
terminates access to the targeted IP bus peripheral and follows the abort procedure described above.
Whether the current IP bus access is a multi-cycle access or a single cycle access has no bearing on the
behavior of the AIPS. The AIPS responds identically in both cases.
The second case that can cause an error response to the AHB is when an access is attempted to an IP bus
peripheral whose corresponding PACR or OPACR settings do not allow the access, thus causing a
permissions violation. In this case the AIPS does not initiate any IP bus activity, but instead responds by
following the abort procedure described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com