Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 410 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 410 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 406Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 407Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 408Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 409Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 410Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 411Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 412Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 413Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 414Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
332
Freescale Semiconductor
Accesses to registers or register fields which correspond to master or peripheral locations which are not
implemented will return zeros on reads, and will be ignored on writes.
16.4.3.2
Peripheral Access Control Registers (PACR)
Each of the on-platform peripherals have a Peripheral Access Control Register which defines the access
levels supported by the given module. Each PACR has the following format:
Table 16-4. MPROT Field Descriptions
Field
Description
0
MPL
Master Privilege Level. This bit determines how the privilege level of the master is determined.
0 Accesses from this master are forced to user-mode regardless of the master’s access attribute.
1 Accesses from this master are not forced to user-mode. The master’s access attribute is used directly to
determine the peripheral’s access attribute
1
MTW
Master Trusted for Writes. This bit determines whether the master is trusted for write accesses
0 This master is not trusted for write accesses.
1 This master is trusted for write accesses.
2
MTR
Master Trusted for Reads. This bit determines whether the master is trusted for read accesses
0 This master is not trusted for read accesses.
1 This master is trusted for read accesses.
3
Reserved, should be cleared.
Access: User read/write
32
10
R
0
SP
WP
TP
W
Reset, PACR0
0
1
0
1
Reset, PACRn
010
0
Figure 16-4. Peripheral Access Control Registers (PACR)
Table 16-5. PACR Field Descriptions
Field
Description
0
TP
Trusted Protect. This bit determines whether the peripheral allows accesses from an untrusted master.
0 Accesses from an untrusted master are allowed.
1 Accesses from an untrusted master are not allowed. If an access is attempted by an untrusted master, the access
is terminated with an error response and no peripheral access is initiated on the IPS bus.
1
WP
Write Protect. This bit determines whether the peripheral allows write accesses
0 This peripheral allows write accesses.
1 This peripheral is write protected. If a write access is attempted, the access is terminated with an error response
and no peripheral access is initiated on the IPS bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com