Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 400 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 400 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 396Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 397Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 398Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 399Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 400Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 401Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 402Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 403Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 404Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 976 page
background image
AXBS Differences from MAC71xx
MAC7200 Microcontroller Family Reference Manual, Rev. 2
322
Freescale Semiconductor
If any part of a read or write falls within an aborted region, the entire transfer is aborted. Since all AXBS
registers are 32-bit, you can not have the situation where an access is partially in an aborted region.
Supervisor Access: All accesses to the AXBS registers must be in Supervisor Mode. All User Mode
accesses are aborted.
NOTE
If the RO bit in a slave port’s Slave General Purpose Control Register is set,
then any write access to that slave’s registers will be aborted.
15.7.2
Master/Slave Interface
In addition to the IPI interface, the AXBS can abort transfers through the crossbar itself. The following
transfers will be aborted:
•
Transfers to an unused slave port, as follows:
— S2: $4000_0000 - $5FFF_FFFF
— S4: $8000_0000 - $9FFF_FFFF
— S6: $C000_0000 - $DFFF_FFFF
•
Writing to a slave address when the RO bit in the slave’s SGPCR register is set (1).
15.8
AXBS Differences from MAC71xx
•
Addition of Slave 5 port (BAM). Note that the BAM code is accessible by the application software.
•
Replaced tightly coupled Flash bus with Slave 0 port. This means that the DMA may also access
the Flash through the same bus as the ARM7 core.
$0f00-$0f04
$0f05-$3fff
Table 15-8. AXBS Bus Aborts (Continued)
Abort
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com