Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 560 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 560 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 556Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 557Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 558Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 559Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 560Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 561Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 562Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 563Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 564Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
482
Freescale Semiconductor
27.1.1
Features
The DMA Mux includes these distinctive features:
•
Programmable DMA Channel Mux allows assignment of any DMA source to any of the 16
available DMA channels.
•
Periodic triggering of up to 8 channels.
27.1.2
Modes of Operation
DMA Channels 0–7 may be used in the following modes, while Channels 8–15 may only be configured
to Disabled or Normal Mode.
•
Disabled Mode
In this mode, the DMA channel is disabled. Since disabling and enabling of DMA channels is done
primarily via the DMA registers, this mode is used mainly as the reset state for a DMA channel in
the DMA Channel Mux. It may also be used to temporarily suspend a DMA Channel while
reconfiguration of the system takes place (changing the period of a DMA trigger, for example).
•
Normal Mode
In this mode, a DMA source (such as SCI transmit or SCI receive for example) is routed directly
to the specified DMA channel. The operation of the DMA Mux in this mode is completely
transparent to the system.
•
Periodic Trigger Mode
In this mode, a DMA source may only request a DMA transfer (such as when a transmit buffer
becomes empty or a receive buffer becomes full) periodically. Configuration of the period is done
in the registers of the Periodic Interrupt Timer.
27.2
External Signal Description
The DMA Mux has no external pins.
SCI_A
2
SCI_B
2
ATD_A
2
eMIOS
8 channels on MAC72x2
16 channel on MAC72x1
(1 per channel)
PIM (GPIO)
0
(Use “always enabled” functionality)
TOTAL
22
Table 27-1. DMA Request Sources (Continued)
Peripheral
Number of DMA Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com