Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 562 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 562 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 558Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 559Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 560Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 561Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 562Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 563Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 564Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 565Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 566Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
484
Freescale Semiconductor
Address: Base + xx – 1
Access: User read/write
765
43210
R
ENBL
TRIG
SOURCE
W
Reset
00000000
Figure 27-2. Channel Configuration Registers (CHCONFIGxx)
Table 27-3. CHCONFIGxx Field Descriptions
Field
Description
7
ENBL
DMA Channel Enable. ENBL enables the DMA Channel
0 DMA channel is disabled. This mode is primarily used during configuration of the DMA Mux. The DMA
has separate channel enables/disables, which should be used to disable or re-configure a DMA
channel.
1 DMA channel is enabled
6
TRIG
DMA Channel Trigger Enable (Channels 0–7 only). TRIG enables the periodic trigger capability for the
DMA Channel
0 Triggering is disabled. If triggering is disabled, and the ENBL bit is set, the DMA Channel will simply
route the specified source to the DMA channel.
1 Triggering is enabled
5–0
SOURCE
DMA Channel Source. SOURCE specifies which DMA source, if any, is routed to a particular DMA
channel, according to Table 27-5.
Table 27-4. Channel and Trigger Enabling
ENBL
TRIG
Function
Mode
0
X
DMA Channel is disabled
Disabled Mode
1
0
DMA Channel is enabled with no triggering (transparent)
Normal Mode
1
1
DMA Channel is enabled with triggering
Periodic Trigger Mode
Table 27-5. SOURCE Configuration
Source
Value
IIC Transmit
0x01
IIC Receive
0x02
DSPI_A Transmit
0x03
DSPI_A Receive
0x04
DSPI_B Transmit
0x05
DSPI_B Receive
0x06
DSPI_C Transmit
0x23
DSPI_C Receive
0x24
ESCI_A Transmit
0x07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com