Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 565 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 565 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 561Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 562Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 563Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 564Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 565Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 566Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 567Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 568Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 569Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
487
Figure 27-3. DMA Mux Channel 0-7 Block Diagram
The DMA channel triggering capability allows the system to “schedule” regular DMA transfers, usually
on the transmit side of certain peripherals, without the intervention of the processor. This trigger works by
gating the request from the Peripheral to the DMA until a trigger event has been seen. This is illustrated
in Figure 27-4.
Figure 27-4. DMA Mux Channel Triggering: Normal Operation
Once the DMA request has been serviced, the peripheral will negate its request, effectively resetting the
gating mechanism until the peripheral re-asserts its request AND the next trigger event is seen. This means
that if a trigger is seen, but the peripheral is not requesting a transfer, that triggered will be ignored. This
situation is illustrated in Figure 27-5.
Source #1
Source #2
Source #3
Source #30
DMA Channel #0
DMA Channel #1
DMA Channel #2
DMA Channel #3
DMA Channel #4
DMA Channel #5
DMA Channel #6
DMA Channel #7
Trigger #2
Trigger #3
Trigger #1
Trigger #4
Trigger #5
Trigger #6
Trigger #7
Trigger #8
Periph Request
Trigger
DMA Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com