Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 568 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 568 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 564Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 565Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 566Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 567Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 568Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 569Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 570Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 571Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 572Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 976 page
background image
DMA_CH_MUX Bus Aborts
MAC7200 Microcontroller Family Reference Manual, Rev. 2
490
Freescale Semiconductor
executions of the minor loop require a new "start" event be sent. This can either be a new software
activation, or a transfer request from the DMA Channel Mux. The options for doing this are:
•
Transfer all data in a single minor loop. By configuring the DMA to transfer all of the data in a
single minor loop (i.e.-major loop counter = 1), no re-activation of the channel is necessary. The
disadvantage to this option is the reduced granularity in determining the load that the DMA transfer
will incur on the system. For this option, the DMA channel should be disabled in the DMA Channel
Mux.
•
Use explicit software re-activation. In this option, the DMA is configured to transfer the data using
both minor and major loops, but the processor is required to re-activate the channel (by writing to
the DMA registers) after every minor loop. For this option, the DMA channel should be disabled
in the DMA Channel Mux.
•
Use a "always enabled" DMA source. In this option, the DMA is configured to transfer the data
using both minor and major loops, and the DMA Channel Mux does the channel re-activation. For
this option, the DMA channel should be enabled and pointing to an "always enabled" source. Note
that the re-activation of the channel can be continuous (DMA triggering is disabled) or can use the
DMA triggering capability. In this manner, it is possible to execute periodic transfers of packets of
data from one source to another, without processor intervention.
27.5
DMA_CH_MUX Bus Aborts
The DMA_CH_MUX module supports Peripheral Bus bus aborts, and enforces the following memory
map:
Supervisor Access: Unused
27.6
DMA_CH_MUX Differences from MAC71xx
•
Fixed MUCts01645 (Write on bus abort still writes register)
•
Re-allocated peripherals
— DSPI_C located at $23/$24
— "Always Enabled" moves from $23-$2A to $25-$2C
Table 27-6. DMA Channel Mux Bus Aborts
Abort
Allowed
$0000-$000f
$0010-$3fff
Table 27-7. MAC71xx versus MAC72xx DMA Channel Mux Assignment
Value
MAC71x1
MAC72x2
MAC72x1
$00
Disabled
Disabled
Disabled
$01
IIC Transmit
IIC Transmit
IIC Transmit
$02
IIC Receive
IIC Receive
IIC Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com