Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 566 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 566 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 562Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 563Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 564Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 565Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 566Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 567Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 568Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 569Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 570Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
488
Freescale Semiconductor
Figure 27-5. DMA Mux Channel Triggering: Ignored Trigger
This triggering capability may be used with any peripheral that supports DMA transfers, and is most useful
for two types of situations:
•
Periodically polling external devices on a particular bus. As an example, the transmit side of an SPI
is assigned to a DMA channel with a trigger, as described above. Once setup, the SPI will request
DMA transfers (presumably from memory) as long as its transmit buffer is empty. By using a
trigger on this channel, the SPI transfers can be automatically performed every 5
μs (as an
example). On the receive side of the SPI, the SPI and DMA can be configured to transfer receive
data into memory, effectively implementing a method to periodically read data from external
devices and transfer the results into memory without processor intervention.
•
Using the GPIO Ports to drive or sample waveforms. By configuring the DMA to transfer data to
one or more GPIO ports, it is possible to create complex waveforms using tabular data stored in
on-chip memory. Conversely, using the DMA to periodically transfer data from one or more GPIO
ports, it is possible to sample complex waveforms and store the results in tabular form in on-chip
memory.
A more detailed description of the capability of each trigger (i.e.-resolution, range of values, etc.) may be
found in Chapter 26, “Periodic Interrupt Timer (PIT_RTI)”.
27.4.2
DMA Channels 8-15
Channels 9–16 of the DMA Mux provide the normal routing functionality as described in Section 27.1.2,
“Modes of Operation.”
Periph Request
Trigger
DMA Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com