Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 567 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 567 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 563Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 564Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 565Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 566Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 567Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 568Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 569Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 570Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 571Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
489
Figure 27-6. DMA Mux Channel 8-15 Block Diagram
27.4.3
"Always Enabled" DMA Sources
In addition to the 30 peripherals that can be used as DMA sources, there are 8 additional DMA sources
that are "always enabled". Unlike the peripheral DMA sources, where the peripheral controls the flow of
data during DMA transfers, the "always enabled" sources provide no such "throttling" of the data transfers.
These sources are most useful in the following cases:
•
Doing DMA transfers to/from GPIO - Moving data from/to one or more GPIO pins, either
un-throttled (i.e.-as fast as possible), or periodically (using the DMA triggering capability).
•
Doing DMA transfers from memory to memory - Moving data from memory to memory, typically
as fast as possible, sometimes with software activation.
•
Doing DMA transfers from memory to the external bus (or vice-versa) - Similar to memory to
memory transfers, this is typically done as quickly as possible.
•
Any DMA transfer that requires software activation - Any DMA transfer that should be explicitly
started by software.
In cases where software should initiate the start of a DMA transfer, a "always enabled" DMA source can
be used to provide maximum flexibility. When activating a DMA channel via software, subsequent
Source #1
Source #2
Source #3
Source #30
DMA Channel #8
DMA Channel #9
DMA Channel #10
DMA Channel #11
DMA Channel #12
DMA Channel #13
DMA Channel #14
DMA Channel #15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com