Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 570 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 570 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 566Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 567Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 568Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 569Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 570Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 571Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 572Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 573Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 574Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
492
Freescale Semiconductor
27.7
Initialization/Application Information
27.7.1
Reset
The reset state of each individual bit is shown within the Register Description section (See Section 27.3.1,
“Register Descriptions”). In summary, after reset, all channels are disabled and must be explicitly enabled
before use.
27.7.2
Enabling the DMA_CH_MUX
It is not necessary to enable the DMA_CH_MUX before it can be used. However, it must be configured
before any DMA transfers can occur, as all DMA Channel Mux channels are disabled by default.
27.7.3
Simple Setup from AG
1. Set up the desired channel in the DMA
2. Connect the channel from step#1 to the desired peripheral by writing the CHCONFIGxx register
in the DMA Channel Mux
3. Enable the desired peripheral by clearing its MDIS bit
4. Set up the DMA interface of the peripheral by writing the appropriate register(s) in the peripheral.
Please refer to the section for the particular peripheral for more information.
Example 27-1. Configure DMA Channel #0 to be used with ESCI_A (transmit)
1. Set up the desired channel in the DMA
— Configure TCD00 in the DMA to transfer from the ESCI_A’s SCIDRH/L registers to memory
(probably SRAM or Flash)
$24
Always Enabled
DSPI_C Receive
DSPI_C Receive
$25
Always Enabled
Always Enabled
Always Enabled
$26
Always Enabled
Always Enabled
Always Enabled
$27
Always Enabled
Always Enabled
Always Enabled
$28
Always Enabled
Always Enabled
Always Enabled
$29
Always Enabled
Always Enabled
Always Enabled
$2A
Always Enabled
Always Enabled
Always Enabled
$2B
Disabled
Always Enabled
Always Enabled
$2C
Disabled
Always Enabled
Always Enabled
$2D - $FF
Disabled
Disabled
Disabled
Table 27-7. MAC71xx versus MAC72xx DMA Channel Mux Assignment (Continued)
Value
MAC71x1
MAC72x2
MAC72x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com