Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 563 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 563 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 559Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 560Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 561Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 562Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 563Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 564Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 565Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 566Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 567Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
485
NOTE
Setting multiple CHCONFIG registers with the same Source value will
result in unpredictable behavior.
ESCI_A Receive
0x08
ESCI_B Transmit
0x09
ESCI_B Receive
0x0A
eMIOS Channel 1
0x0F
eMIOS Channel 2
0x10
eMIOS Channel 3
0x11
eMIOS Channel 4
0x12
eMIOS Channel 5
0x13
eMIOS Channel 6
0x14
eMIOS Channel 7
0x15
eMIOS Channel 8
0x16
eMIOS Channel 9
0x17
eMIOS Channel 10
0x18
eMIOS Channel 11
0x19
eMIOS Channel 12
0x1A
eMIOS Channel 13
0x1B
eMIOS Channel 14
0x1C
eMIOS Channel 15
0x1D
eMIOS Channel 16
0x1E
ATD_A Command
0x1F
ATD_A Result
0x20
Always Enabled
0x25
Always Enabled
0x26
Always Enabled
0x27
Always Enabled
0x28
Always Enabled
0x29
Always Enabled
0x2A
Always Enabled
0x2B
Always Enabled
0x2C
DMA Channel is not used (disabled)
All other values
Table 27-5. SOURCE Configuration
Source
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com