Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 739 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 739 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 735Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 736Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 737Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 738Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 739Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 740Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 741Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 742Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 743Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
661
Figure 31-30. Start Bit Search Example 3
Figure 31-31 shows the effect of noise early in the start bit time. Although this noise does not affect proper
synchronization with the start bit time, it does set the noise flag.
Figure 31-31. Start Bit Search Example 4
Figure 31-32 shows a burst of noise near the beginning of the start bit that resets the RT clock. The sample
after the reset is low but is not preceded by three high samples that would qualify as a falling edge.
Depending on the timing of the start bit search and on the data, the frame may be missed entirely or it may
set the framing error flag.
RESET RT CLOCK
SAMPLES
RT CLOCK
RT CLOCK COUNT
ACTUAL START BIT
Rx input Signal
10
1
11
0
0
0
0
LSB
0
PERCEIVED START BIT
RESET RT CLOCK
SAMPLES
RT CLOCK
RT CLOCK COUNT
PERCEIVED AND ACTUAL START BIT
Rx Input Signal
11
1
11
0
0
1
LSB
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com