Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 738 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 738 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 734Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 735Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 736Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 737Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 738Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 739Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 740Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 741Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 742Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
660
Freescale Semiconductor
Figure 31-28. Start Bit Search Example
In Figure 31-29, verification sample at RT3 is high. The RT3 sample sets the noise flag. Although the
perceived bit time is misaligned, the data samples RT8, RT9, and RT10 are within the bit time and data
recovery is successful.
Figure 31-29. Start Bit Search Example 2
In Figure 31-30, a large burst of noise is perceived as the beginning of a start bit, although the test sample
at RT5 is high. The RT5 sample sets the noise flag. Although this is a worst-case misalignment of
perceived bit time, the data samples RT8, RT9, and RT10 are within the bit time and data recovery is
successful.
RESET RT CLOCK
SAMPLES
RT CLOCK
RT CLOCK COUNT
START BIT
Rx Input Signal
11
0
1
11
1
0
0
0
00
LSB
0
0
RESET RT CLOCK
SAMPLES
RT CLOCK
RT CLOCK COUNT
ACTUAL START BIT
Rx Input Signal
11
1
1
11
0
0
0
0
LSB
0
0
PERCEIVED START BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com