Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 736 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 736 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 732Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 733Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 734Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 735Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 736Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 737Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 738Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 739Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 740Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
658
Freescale Semiconductor
31.10.5.3 Data Sampling
The receiver samples the Rx input signal at the RT clock rate. The RT clock is an internal signal with a
frequency 16 times the baud rate. To adjust for baud rate mismatch, the RT clock (see Figure 31-27) is
re-synchronized:
•
After every start bit
•
After the receiver detects a data bit change from logic 1 to logic 0 (after the majority of data bit
samples at RT8, RT9, and RT10 returns a valid logic 1 and the majority of the next RT8, RT9, and
RT10 samples returns a valid logic 0)
To locate the start bit, data recovery logic does an asynchronous search for a logic 0 preceded by three logic
1s.When the falling edge of a possible start bit occurs, the RT clock begins to count to 16.
Figure 31-27. Receiver Data Sampling
To verify the start bit and to detect noise, data recovery logic takes samples at RT3, RT5, and RT7.
Table 31-24 summarizes the results of the start bit verification samples.
If start bit verification is not successful, the RT clock is reset and a new search for a start bit begins.
To determine the value of a data bit and to detect noise, recovery logic takes samples at RT8, RT9, and
RT10. Table 31-25 summarizes the results of the data bit samples.
Table 31-24. Start Bit Verification
RT3, RT5, and RT7 Samples
Start Bit Verification
Noise Flag
000
Yes
0
001
Yes
1
010
Yes
1
011
No
0
100
Yes
1
101
No
0
110
No
0
111
No
0
RESET RT CLOCK
SAMPLES
RT CLOCK
RT CLOCK COUNT
START BIT
Rx Input Signal
START BIT
QUALIFICATION
START BIT
DATA
SAMPLING
11
1
1
1
1
11
0
0
0
0
0
00
LSB
VERIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com