Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 734 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 734 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 730Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 731Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 732Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 733Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 734Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 735Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 736Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 737Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 738Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
656
Freescale Semiconductor
If fast bit error detection is enabled (FBR = 1) the eSCI will compare the transmitted and the received data
stream while the transmitter is active (not idle). Once a mismatch between the transmitted data and the
received data is detected the following actions are performed:
•
The bit error flag BERR will be set
•
if SBSTP is 0 the remainder of the byte will be transmitted normally
•
if SBSTP is 1 the remaining bits in the byte after the error bit are transmitted as 1s (idle)
To adjust to different bus loads the sample point at which the incomming bit is compared to the one which
was transmitted can be selected with the BESM13 bit (see Figure 31-25). If set the comparison will be
performed at RT clock 13, otherwise at RT clock 9 (also see section Section 31.10.5.3, “Data Sampling).
Figure 31-25. Timing Diagram Fast Bit Error Detection
NOTE
To calculate the exact position of the sample point with regard to the RX pin,
the delays through the pads and the two Bus Clock cycle delay through the
input synchronizer also needs to be taken into account.
Output Transmit
Shift Register
123456789
10 11 12 13 14 15 16
Input Receive
Shift Register
BESM13 = 0
BESM13 = 1
Compare Sample Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com