Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 735 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 735 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 731Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 732Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 733Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 734Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 735Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 736Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 737Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 738Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 739Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
657
31.10.5 Receiver
Figure 31-26. eSCI Receiver Block Diagram
31.10.5.1 Receiver Character Length
The eSCI receiver can accommodate either 8-bit or 9-bit data characters. The state of the M bit in SCI
control register 1 (SCICR1) determines the length of data characters. When receiving 9-bit data, bit R8 in
SCI data register high (SCIDRH) is the ninth bit (bit 8).
31.10.5.2 Character Reception
During an SCI reception, the receive shift register shifts a frame in from the Rx input signal. The SCI data
register is the read-only buffer between the internal data bus and the receive shift register.
After a complete frame shifts into the receive shift register, the data portion of the frame transfers to the
SCI data register. The receive data register full flag, RDRF, in SCI status register 1 (SCISR1) becomes set,
indicating that the received byte can be read. If the receive interrupt enable bit, RIE, in SCI control register
2 (SCICR2) is also set, the RDRF flag generates an RDRF interrupt request.
If the RE bit is cleared the current frame is discarded, no receive flags will be set.
M
WAKE
ILT
PE
PT
RE
H
876543210L
11-BIT RECEIVE SHIFT REGISTER
DATA
WAKEUP
PARITY
CHECKING
SCI DATA REGISTER
R8
RIE
ILIE
RWU
RDRF
OR
NF
FE
PE
INTERNAL BUS
BUS
IDLE INTERRUPT REQUEST
RDRF/OR INTERRUPT REQUEST
SBR12–SBR0
BAUD DIVIDER
LOOP
RSRC
ROM TXD
CLOCK
IDLE
RAF
RECOVERY
CONTROL
LOGIC
LOOPS
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com