Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 742 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 742 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 738Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 739Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 740Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 741Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 742Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 743Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 744Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 745Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 746Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
664
Freescale Semiconductor
31.10.5.5.2
Fast Data Tolerance
Figure 31-35 shows how much a fast received frame can be misaligned. The fast stop bit ends at RT10
instead of RT16 but is still sampled at RT8, RT9, and RT10.
Figure 31-35. Fast Data
FoFor an 8-bit data character, it takes the receiver
Eqn. 31-9
to finish data sampling of the stop bit.
With the misaligned character shown in Figure 31-35, the receiver counts 154 RTr cycles at the point when
the count of the transmitting device is
Eqn. 31-10
The maximum percent difference between the receiver count and the transmitter count of a fast 8-bit
character with no errors is:
Eqn. 31-11
For a 9-bit data character, it takes the receiver
Eqn. 31-12
to finish data sampling of the stop bit.
With the misaligned character shown in Figure 31-35, the receiver counts 170 RTr cycles at the point when
the count of the transmitting device is
Eqn. 31-13
The maximum percent difference between the receiver count and the transmitter count of a fast 9-bit
character with no errors is:
Eqn. 31-14
31.10.5.6 Receiver Wakeup
To enable the eSCI to ignore transmissions intended only for other receivers in multiple-receiver systems,
the receiver can be put into a standby state. Setting the receiver wakeup bit, RWU, in SCI control register
2 (SCICR2) puts the receiver into standby state during which receiver interrupts are disabled.The eSCI will
still load the receive data into the SCIDRH/L registers, but it will not set the RDRF flag.
IDLE OR NEXT FRAME
STOP
DATA
SAMPLES
RECEIVER
RT CLOCK
9 bit times
16 RTr cycles
10 RTr cycles
+
×
154 RTr cycles
=
10 bit times
16 RTt cycles
×
160 RTt cycles
=
160
154
–
160
--------------------------
⎝⎠
⎛⎞
100
×
3.75%
=
10 bit times
16 RTr cycles
10 RTr cycles
+
×
170 RTr cycles
=
11 bit times
16 RTt cycles
×
176 RTt cycles
=
176
170
–
176
--------------------------
⎝⎠
⎛⎞
100
×
3.40%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com