| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 746 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 746 Page - Freescale Semiconductor, Inc |
|
746 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 668 Freescale Semiconductor The following describes how the eSCI generates a request and how the MCU should acknowledge that request. The interrupt vector offset and interrupt number are chip dependent. The eSCI only has a single interrupt line (eSCI Interrupt Signal, active high operation) and all the following interrupts, when generated, are ORed together and issued through that port. 31.10.9.2 Interrupt Description Table 31-28 describes the interrupt sources of the eSCI. The enables for these sources, are listed in Table 4-7. Table 31-28. eSCI Interrupt Sources Interrupt Source Description TDRE SCISR1[7] Active high level detect. Indicates that a byte was transferred from SCIDRH/L to the transmit shift register. TC SCISR1[6] Active high level detect. Indicates that a transmit is complete. RDRF SCISR1[5] Active high level detects. The RDRF interrupt indicates that received data is available in the SCI data register. IDLE SCISR1[4] Active high level detect. Indicates that receiver input has become idle. OR SCISR1[3] Active high level detects. This interrupt indicates that an overrun condition has occurred. NF SCISR1[2] Active high level detects. This interrupt indicates that noise has been detected. FE SCISR1[1] Active high level detects. This interrupt indicates that a frame error has occurred. PF SCISR1[0] Active high level detects. This interrupt indicates that a parity error has occurred. BERR SCISR2[4] Detected a Bit Error, only valid in LIN mode RXRDY LINSTAT1[7] Indicates LIN hardware has received a data byte TXRDY LINSTAT1[6] Indicates LIN hardware can accept a control or data byte LWAKE LINSTAT1[5] A Wakeup Character has been received from a LIN frame STO LINSTAT1[4] The response of the slave has been too slow (Slave TimeOut) PBERR LINSTAT1[3] Physical Bus Error detected CERR LINSTAT1[2] CRC Error detected CKERR LINSTAT1[1] Checksum Error detected FRC LINSTAT1[0] LIN Frame completed OVFL LINSTAT2[0] LINRX Register Overflow |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |