| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 744 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 744 Page - Freescale Semiconductor, Inc |
|
744 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 666 Freescale Semiconductor Figure 31-36. Single-Wire Operation (LOOPS = 1, RSRC = 1) Enable single-wire operation by setting the LOOPS bit and the receiver source bit, RSRC, in SCI control register 1 (SCICR1). Setting the LOOPS bit disables the path from the Rx Input signal to the receiver. Setting the RSRC bit connects the receiver input to the output of the TXD pin driver. Both the transmitter and receiver must be enabled (TE=1 and RE=1).The TXDIR bit (SCICR3[1]) determines whether the TXD pin is going to be used as an input (TXDIR = 0) or an output (TXDIR = 1) in this mode of operation. 31.10.7 Loop Operation In loop operation the transmitter output goes to the receiver input. The Rx Input signal is disconnected from the eSCI. Figure 31-37. Loop Operation (LOOPS = 1, RSRC = 0) Enable loop operation by setting the LOOPS bit and clearing the RSRC bit in SCI control register 1 (SCICR1). Setting the LOOPS bit disables the path from the Rx Input signal to the receiver. Clearing the RSRC bit connects the transmitter output to the receiver input. Both the transmitter and receiver must be enabled (TE = 1 and RE = 1). 31.10.8 Modes of Operation 31.10.8.1 Run Mode Normal mode of operation. 31.10.8.2 Doze Mode eSCI operation in Doze mode depends on the state of the SCISDOZ bit in the SCI control register 1 (SCICR1). • If SCISDOZ is clear, the SCI operates normally when the system is in Doze mode. • If SCISDOZ is set and the system is in Doze mode, the eSCI module enters a power-conservation state as soon as the current operation is completed. In normal SCI mode, this means the eSCI will RXD TRANSMITTER RECEIVER Tx Output Signal Tx Input Signal RXD TRANSMITTER RECEIVER Tx Output Signal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |