| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 748 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 748 Page - Freescale Semiconductor, Inc |
|
748 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 670 Freescale Semiconductor 31.10.9.12 RXRDY Description The RXRDY flag is set, when the eSCI is in LIN mode, and has received a valid data byte in an RX frame. This will not be set for bytes which the receiver obtains by reading back the data which the LIN FSM has sent out. The flag is cleared by writing it with 1. 31.10.9.13 TXRDY Description The TXRDY flag is set, when the eSCI is in LIN mode, and can accept a control or data byte. The flag is cleared by writing it with 1. 31.10.9.14 LWAKE Description The LWAKE flag is set when the LIN hardware has detected a wakeup character, sent out by one of the LIN slaves. This should only occur when the LIN bus is in sleep mode. The flag can be cleared by writing it with 1. 31.10.9.15 STO Description The STO flag is set during an RX frame, when the LIN slave has not transmitted all requested data bytes, before the specified timeout period. The flag can be cleared by writing it with 1. 31.10.9.16 PBERR Description If the RX input remains stuck at a fixed value for 15 cycles after a transmission has started, the LIN hardware will set the PBERR (Physical Bus Error) flag. The flag can be cleared by writing it with 1. 31.10.9.17 CERR Description If an RX frame had the CRC checking flag set and the two CRC bytes did not match the calculated CRC pattern, the CERR (CRC Error) flag will be set. The flag can be cleared by writing it with 1. 31.10.9.18 CKERR Description If an RX frame had the Checksum checking flag set (that should normally always be the case) and the last byte did not match the calculated checksum, the CKERR (Checksum Error) flag will be set. The flag can be cleared by writing it with 1. 31.10.9.19 FRC Description The FRC (Frame Complete) Flag will be set after the last byte of a TX frame has been sent out, or after the last byte of an RX frame has been received (normally that means that the checksum has been compared to the expected value, too). This can be used to indicate to the CPU that the next frame can be set up, however it should be noted that this might be raised before the DMA controller has transferred the last byte from the eSCI to the memory. If the intent is to process the data, the appropriate interrupt of the DMA controller should be used instead. The flag can be cleared by writing it with 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |