| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 752 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 752 Page - Freescale Semiconductor, Inc |
|
752 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 674 Freescale Semiconductor Figure 31-40. DMA transfer of a RX frame 31.10.11.3 Features of the LIN Hardware The LIN hardware has several features to support different revisions of the LIN slaves. In the TX register it can be configured whether header bits should be included in the checksum (on a frame by frame basis, to support LIN slaves with different LIN revisions). The LIN control register allows to decide whether the parity bits in the ID field should be calculated automatically, and whether double stop flags should be inserted after a Bit Error. The BRK13 bit in the SCI control register 3 decides whether to generate 10 or 13 bit break characters. The application software can decide to turn off the checksum generation/verification on a per frame basis and handle that function on its own. Also it can decide to let the LIN hardware append two CRC Bytes (Figure 31-41). These are not part of the LIN standard, but could be part of the application layer i.e. the would be treated as data bytes by the LIN protocol. This can be useful when very long frames are transmitted. By default the CRC polynom used, is the same polynom as for the CAN protocol. Figure 31-41. LIN frame with CRC bytes Break Sync ID Data Data CSum . . . Memory DMA Controller LIN SCI RX Register ID Length Control / Timeout Timeout Data n Data 1 . . . TX DMA channel LIN Frame TX Register RX DMA from Master from Slave channel Break Sync ID Data Data CRC 1 . . . CSum CRC 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |