Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 751 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 751 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 747Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 748Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 749Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 750Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 751Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 752Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 753Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 754Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 755Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 751 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
673
Figure 31-39. DMA transfer of a TX frame
31.10.11.2 Generating an RX frame
For RX frames the header information will still be provided by the LIN master - the data, CRC and
checksum bytes (as enabled) will be provided by the LIN slave. The LIN master will verify CRC and
checksum bytes transmitted by the slave.
For an RX frame the control information needs to be written to the TX register in the same manner as for
the TX frames. Additionally the timeout bits need to be written, to define the time to complete the entire
frame. Afterwards the RXRDY bit needs to be checked (either with an interrupt, RX DMA interface, or
by polling) to detect the incoming data bytes. The checksum byte will normally not appear in the RX
register, instead the LIN hardware will verify the checksum and raise an interrupt, if it is not correct.
Two DMA channels can be used when executing an RX frame - one to transfer the header/control
information from a memory location to the TX register, and one to transfer the incoming data bytes from
the RX register to a table in memory (see Figure 31-40). After the last byte has been stored, the DMA
controller can indicate completion to the CPU.
It is also possible to setup a whole sequence of RX and TX frames, and generate a single event at the end
of that sequence.
Break
Sync
ID
Data
Data
CSum
. . .
Memory
DMA
Controller
LIN SCI
TX Register
ID
Length
Control
Data n
Data 1
.
.
.
TX DMA
LIN Frame
channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com