Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 747 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 747 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 743Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 744Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 745Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 746Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 747Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 748Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 749Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 750Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 751Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
669
31.10.9.3 TDRE Description
The TDRE interrupt is set high by the eSCI when the transmit shift register receives a byte from the SCI
data register. A TDRE interrupt indicates that the transmit data register (SCIDRH/L) is empty and that a
new byte can be written to the SCIDRH/L for transmission. Clear TDRE by writing it with 1.
31.10.9.4 TC Description
The TC interrupt is set by the eSCI when a transmission has been completed.A TC interrupt indicates that
there is no transmission in progress. TC is set high when the TDRE flag is set and no data, preamble, or
break character is being transmitted. When TC is set, the TXD pin becomes idle (logic 1). Clear TC by
writing it with 1.
31.10.9.5 RDRF Description
The RDRF interrupt is set when the data in the receive shift register transfers to the SCI data register. A
RDRF interrupt indicates that the received data has been transferred to the SCI data register and that the
byte can now be read by the MCU. The RDRF interrupt is cleared by writing it with 1.
31.10.9.6 PF Description
The interrupt is set when the parity of the received data is not correct. PF is cleared by writing it with 1.
31.10.9.7 FE Description
The interrupt is set when the stop bit is read as a 0 - which violates the SCI protocol. FE is cleared by
writing it with 1.
31.10.9.8 NF Description
The NF interrupt is set when the eSCI detects noise on the receiver input. NF is cleared by writing it with 1.
31.10.9.9 OR Description
The OR interrupt is set when software fails to read the SCI data register before the receive shift register
receives the next frame. The newly acquired data in the shift register will be lost in this case, but the data
already in the SCI data registers is not affected. The OR interrupt is cleared by writing it with 1.
31.10.9.10 IDLE Description
The IDLE interrupt is set when 10 consecutive logic 1s (if M=0) or 11 consecutive logic 1s (if M=1) appear
on the receiver input. Once the IDLE is cleared, a valid frame must again set the RDRF flag before an idle
condition can set the IDLE flag. Clear IDLE by reading by writing it with 1.
31.10.9.11 BERR Description
The BERR flag is set when the eSCI is in LIN mode, and at least one bit in the last byte that which was
transmitted, is not read back with the same value. The flag is cleared by writing it with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com