Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 745 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 745 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 741Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 742Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 743Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 744Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 745Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 746Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 747Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 748Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 749Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
667
enter Doze mode, as soon as the current byte is transmitted or received, respectively. In LIN mode,
it will enter Doze mode as soon as the current RX or TX frame has completed.
If the eSCI is not disabled in Doze mode, an eSCI interrupt request can be used to bring the system out of
Doze mode.
31.10.8.3 Module Disable
The Module Disable Bit (MDIS) in the SCI Control Register 3 can be used to turn off the eSCI. This will
prevent the eSCI core to be clocked, and thus save power. By default the eSCI is disabled, so the first step
for using the eSCI is to enable it by setting the MDIS Bit to 0.
31.10.9 Interrupt Operation
31.10.9.1 Interrupt Flags and Masks
Table 31-27 lists the interrupt sources that can generate an eSCI interrupt to the CPU.
Table 31-27. eSCI Interrupt Flags and Mask Bits
Interrupt
Source
Flag
Local
Enable
Transmitter
TDRE
TIE
Transmitter
TC
TCIE
Receiver
RDRF
RIE
Receiver
IDLE
ILIE
Receiver
PF
PFIE
Receiver
FE
FEIE
Receiver
NF
NFIE
Receiver
OR
ORIE
LIN
BERR
IEBERR
LIN
RXRDY
RXIE
LIN
TXRDY
TXIE
LIN
LWAKE
WUIE
LIN
STO
STIE
LIN
PBERR
PBIE
LIN
CERR
CIE
LIN
CKERR
CKIE
LIN
FRC
FCIE
LIN
OVFL
OFIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com