Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 756 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 756 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 752Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 753Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 754Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 755Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 756Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 757Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 758Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 759Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 756 / 976 page
background image
eMIOS Features on MAC72xx
MAC7200 Microcontroller Family Reference Manual, Rev. 2
678
Freescale Semiconductor
NOTE
The terms “MTS” and “eMIOS” are used interchangeably in this document.
32.2
eMIOS Features on MAC72xx
•
8 or 16 unified channels, with every channel able to provide all timer functions and modes.
•
All channels can be enabled for eDMA service.
•
Channels can be individually disabled to assist with power saving.
•
Two or three 16-bit counter buses (A and B, or A, B and C) for sharing time base around the
module.
•
One global prescaler and an individual prescaler available for each channel.
•
Modulus counter mode on all channels.
•
Single action input capture or output compare modes on all channels.
•
Input pulse width and period measurement modes on all channels.
•
Double action output compare mode on all channels.
•
Output pulse width and frequency modulation modes on all channels.
•
Output pulse width modulation modes on all channels.
•
Center aligned output pulse width modulation with dead time insertion modes on all channels.
•
Pulse or edge accumulation and counting modes on all channels.
•
Windowed programmable time accumulation mode on all channels.
•
Quadrature decode modes on all channels.
•
General purpose I/O available on unused eMIOS pins.
•
Center-aligned PWM with dead-time insertion
32.3
eMIOS Protocol
As the eMIOS supports several different protocols, please refer to the eMIOS Block Guide for a complete
description of eMIOS modes.
32.4
eMIOS Implementation
The eMIOS module has several different configuration options. On the MAC72xx devices, the eMIOS
module has the following configuration:
•
MDIS Reset Value: The reset value of the MDIS bit is 1, meaning that the eMIOS is in a disabled
state after reset, and must be explicitly enabled before it can be used.
•
Number of channels: The number of unified eMIOS channels on the MAC72x2 is 8. In this
configuration, the Counter Bus A is driven by Channel 7. The number of unified eMIOS channels
on the MAC72x1 is 16. In this configuration, the Counter Bus A is driven by Channel 15.
•
Timer Width: The width of all eMIOS timer channels on the MAC72xx is 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com