Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 758 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 758 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 754Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 755Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 756Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 757Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 758Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 759Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 762Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 976 page
background image
eMIOS Differences between MAC72x2 and MAC72x1
MAC7200 Microcontroller Family Reference Manual, Rev. 2
680
Freescale Semiconductor
c) If A == 0, provide a 0% duty cycle without having to manipulate the EDPOL bit.
d) If A >= B, provide a 100% duty cycle without having to manipulate the EDPOL bit.
•
Fixed MUCts01793: Corner case violates coherent access in IPWM/IPM modes
32.8
eMIOS Differences between MAC72x2 and MAC72x1
•
Switched from 8 channels (Channels 0-7) to 16 channels (Channels 0-15)
— Use channels 0-15
— Channel 15 can now drive Counter Bus A
32.9
Enabling the eMIOS
Before the eMIOS can be used, it must be explicitly enabled by clearing the MDIS bit.
32.10 The eMIOS Module
32.10.1 Overview
The Enhanced Modular I/O Subsystem (eMIOS) provides functionality to generate or measure timed
events. Its overall architecture resembles that of the MIOS .
The MIOS provides a framework where a set of sublocks with different timer functions are assembled to
attend the specific needs of an MCU.
The eMIOS builds on this concept by using a Unified Channel module that provides a superset of the
functionality of all the individual MIOS channels, while providing a consistent user interface. This allows
more flexibility as each Unified Channel can be programmed for different functions in different
applications of the MCU.
32.10.2 Block Diagram
Figure 32-2 shows the block diagram of the eMIOS as implemented on the MAC72x2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com