Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 761 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 761 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 757Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 758Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 759Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 762Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 763Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 765Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 761 / 976 page
background image
The eMIOS Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
683
•
Counter bus A can be driven by Unified Channel 7 (MAC72x2) or Unified Channel 15
(MAC72x1)
•
Counter bus B can be driven by Unified Channel 0
•
Counter bus C can be driven by Unified Channel 8
•
Each channel has its own time base, alternative to the counter buses
•
One Global prescaler
•
One Prescaler per channel (CP)
•
Shared timebases through the counter buses
•
Control and Status bits grouped in a single register
•
Synchronization among timebases
•
Shadow FLAG register
•
State of the UC can be frozen for debug purposes
•
Motor control capability
32.10.4 Modes of Operation
The channels can be configured to operate in the following modes:
•
General purpose input/output
•
Single Action Input Capture
•
Single Action Output Compare
•
Input Pulse Width Measurement
•
Input Period Measurement
•
Double Action Output compare
•
Pulse/Edge Accumulation
•
Pulse/Edge Counting
•
Quadrature Decode
•
Windowed Programmable Time Accumulation
•
Modulus Counter
•
Modulus Counter Buffered
•
Output Pulse Width and Frequency Modulation
•
Output Pulse Width and Frequency Modulation Buffered
•
Center Aligned Output Pulse Width Modulation with dead time insertion
•
Center Aligned Output Pulse Width Modulation with dead time insertion Buffered
•
Output Pulse Width Modulation
•
Output Pulse Width Modulation Buffered
These modes are described in Section 32.13, “Functional Description”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com