Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 763 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 763 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 759Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 762Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 763Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 765Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 766Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 767Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
685
32.12.2 Register Descriptions
All eMIOS registers on MAC72xx are 32 bits wide, even though the eMIOS on MAC72xx has 8/16
Unified Channels and 16-bit wide data registers.
32.12.2.1 eMIOS Module Configuration Register (MCR)
The MCR register contains Global Control bits for the eMIOS block.
0x000C–0x000F
Disable Channel (UCDIS)
0x0010–0x001F
reserved
0x0020–0x003F
Unified Channel 0 (UC0)
0x0040–0x005F
Unified Channel 1(UC1)
0x0060–0x007F
Unified Channel 2 (UC2)
0x0080–0x009F
Unified Channel 3 (UC3)
0x00A0–0x00BF
Unified Channel 4 (UC4)
0x00C0–0x00DF
Unified Channel 5 (UC5)
0x00E0–0x00FF
Unified Channel 6 (UC6)
0x0100–0x011F
Unified Channel 7 (UC7)
0x0120–0x013F
Unified Channel 8 (UC8)
0x0140–0x015F
Unified Channel 9 (UC9)
0x0160–0x017F
Unified Channel 10 (UC10)
0x0180–0x019F
Unified Channel 11 (UC11)
0x01A0–0x01BF
Unified Channel 12 (UC12)
0x01C0–0x01DF
Unified Channel 13 (UC13)
0x01E0–0x01FF
Unified Channel 14 (UC14)
0x0200–0x021F
Unified Channel 15 (UC15)
0x0220–0x0FFF
reserved
Table 32-5. UC Memory Map
UCn Base Address
Description
0x000
Channel A Data Register (UCAn)
0x0004
Channel B Data Register (UCBn)
0x0008
UC Counter Register (UCCNTn)
0x000C
Channel Control Register (UCCRN)
0x0010
UC Status Register (UCSRn)
0x0014
Alternate A Register (ALTAn)
0x0018 - 0x001F
reserved
Table 32-4. eMIOS Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com