Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 767 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 767 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 763Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 765Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 766Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 767Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 768Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 769Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 770Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
689
32.12.2.4 eMIOS Disable Channel (UCDIS)
32.12.2.5 eMIOS A Register (UCAn)
Depending on the mode of operation, internal registers A1 or A2, used for matches and captures, can be
assigned to address UCAn. Both A1 and A2 are cleared by reset. Figure 32-10 summarizes the UCAn
writing and reading accesses for all operation modes. For more information see Section 32.13.1.1, “UC
Modes of Operation”.
Address eMIOS base address + 0x0C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
00000
0
0000000000
W
Reset:
15
14
13
12
11
10
9876543210
R
00000
0
0
0
W
Reset:
00000000
= Unimplemented or Reserved
Figure 32-6. eMIOS Enable Channel Register (UCDIS)
Table 32-9. OUDIS Field Descriptions
Field
Descriptions
31–8
Reserved, should be cleared.
7–0
UCDISn
Enable Channel n bit. The UCDISn bit is used to disable each of the Unified Channels by stopping its respective
clock.
0 Unified Channel n enabled
1 Unified Channel n disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com