Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 770 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 770 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 766Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 767Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 768Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 769Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 770Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 772Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 773Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 774Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 770 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
692
Freescale Semiconductor
32.12.2.8 eMIOS Control Register (UCCRn)
The Control register gathers bits reflecting the status of the UC input/output signals and the overflow
condition of the internal counter, as well as several read/write control bits.
Address UCn base address + 0x0C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
FREN ODIS
DMA
0
IF[3:0]
FCK
FEN
0
W
Reset:
000000000000000
0
15
14
13
12
11
10
9876543210
R
00000
BSL[1:0]
MODE[6:0]
W
Reset:
000000000000000
0
= Unimplemented or reserved
Figure 32-10. eMIOS Control Register (UCCRn)
Table 32-11. UCCRn Field Descriptions
Field
Descriptions
31
FREN
Freeze Enable bit. The FREN bit, if set and validated by FRZ bit in MCR register, freezes all registers values when
in debug mode, allowing the MCU to perform debug functions.
0 Normal operation
1 Freeze UC registers values
30
ODIS
Output Disable bit. The ODIS bit allows disabling the output pin when running any of the output modes with the
exception of GPIO mode.
1 If the selected Output Disable Input signal is asserted, the output pin goes to EDPOL for OPWFMB and OPWMB
modes and to the complement of EDPOL for other modes, but the Unified Channel continues to operate
normally, i.e., it continues to produce FLAG and matches. When the selected Output Disable Input signal is
negated, the output pin operates normally
0 The output pin operates normally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com