Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 773 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 773 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 769Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 770Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 772Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 773Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 774Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 775Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 776Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 777Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 773 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
695
10–9
BSL[1:0]
Bus Select bitsThe BSL[1:0] bits are used to select either one of the counter buses or the internal counter to be
used by the Unified Channel. Refer toTable 32-15 for details.
8
EDSEL
Edge Selection bit.
For input modes, the EDSEL bit selects whether the internal counter is triggered by both edges of a pulse or just
by a single edge as defined by the EDPOL bit. When not shown in the mode of operation description, this bit has
no effect.
0 Single edge triggering defined by the EDPOL bit
1 Both edges triggering
For GPIO in mode, the EDSEL bit selects if a FLAG can be generated.
0 A FLAG is generated as defined by the EDPOL bit
1 No FLAG is generated
For SAOC mode, the EDSEL bit selects the behavior of the output flip-flop at each match.
0 The EDPOL value is transferred to the output flip-flop
1 The output flip-flop is toggled
7
EDPOL
Edge Polarity bit.
For input modes (except QDEC mode), the EDPOL bit asserts which edge triggers either the internal counter or
an input capture or a FLAG. When not shown in the mode of operation description, this bit has no effect.
0 Trigger on a falling edge
1 Trigger on a rising edge
For QDEC (MODE[0] cleared), the EDPOL bit selects the count direction according to direction signal (UCn input).
0 counts down when UCn is asserted
1 counts up when UCn is asserted
Note: UC[n-1] EDPOL bit selects which edge clocks the internal counter of UCn
0 Trigger on a falling edge
1 Trigger on a rising edge
For QDEC (MODE[0] set), the EDPOL bit selects the count direction according to the phase difference.
0 internal counter decrements if phase_A is ahead phase_B signal
1 internal counter increments if phase_A is ahead phase_B signal
Note: In order to operate properly, EDPOL bit must contain the same value in UCn and UC[n-1]
For output modes, the EDPOL bit is used to select the logic level on the output pin.
0 A match on comparator A clears the output flip-flop, while a match on comparator B sets it
1 A match on comparator A sets the output flip-flop, while a match on comparator B clears it
6–0
MODE[6:0]
The MODE[6:0] bits select the mode of operation of the Unified Channel, as shown in Table 32-16.
Table 32-11. UCCRn Field Descriptions (Continued)
Table 32-15. BSL Bits
BSL[1:0]
selected bus
00
All channels: counter bus[A]
01
Channels 0 to 7: counter bus[B]
10
reserved
11
All channels: internal counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com