Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 774 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 774 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 770Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 772Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 773Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 774Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 775Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 776Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 777Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 778Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 774 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
696
Freescale Semiconductor
32.12.2.9 eMIOS Status Register (UCSRn)
Table 32-16. MODE Bits
MODE[6:0]1
mode of operation
0000000
General purpose Input/Output mode (input)
0000001
General purpose Input/Output mode (output)
0000010
Single Action Input Capture
0000011
Single Action Output Compare
0000100
Input Pulse Width Measurement
0000101
Input Period Measurement
0000110
Double Action Output compare (with FLAG set on the second match)
0000111
Double Action Output compare (with FLAG set on both match)
0001000
Pulse/Edge Accumulation (continuous)
0001001
Pulse/Edge Accumulation (single shot)
0001010
Pulse/Edge Counting (continuous)
0001011
Pulse/Edge Counting (single shot)
0001100
Quadrature Decode (for count & direction encoders type)
0001101
Quadrature Decode (for phase_A & phase_B encoders type)
0001110
Windowed Programmable Time Accumulation
0001111
Reserved
001000b
Modulus Counter (Up counter)
0010010
0010011
Reserved
00101bb
Modulus Counter (Up/Down counter)
00110b0
Output Pulse Width and Frequency Modulation (immediate update)
00110b1
Output Pulse Width and Frequency Modulation (next period update)
00111b0
Center Aligned Output Pulse Width Modulation (with trail edge dead-time)
00111b1
Center Aligned Output Pulse Width Modulation (with lead edge dead-time)
01000b0
Output Pulse Width Modulation (immediate update)
01000b1
Output Pulse Width Modulation (next period update)
101000b
Modulus Counter Buffered (Up counter)
10101bb
Modulus Counter Buffered (Up/Down counter)
10110b0
Output Pulse Width and Frequency Modulation Buffered
10111b0
Center Aligned Output Pulse Width Modulation Buffered (with trail edge dead-time)
10111b1
Center Aligned Output Pulse Width Modulation Buffered (with lead edge dead-time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com