| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 778 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 778 Page - Freescale Semiconductor, Inc |
|
778 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 700 Freescale Semiconductor Figure 32-13. Unified Channel Block Diagram 32.13.1.1 UC Modes of Operation The mode of operation of the Unified Channel is determined by the mode select bits MODE[6:0] in the UCCRn register (see Table 32-16 for details). When entering an output mode (except for GPIO mode), the output flip-flop is set to the complement of the EDPOL bit in the UCCRn register. As the internal counter UCCNTn continues to run in all modes (except for GPIO mode), it is possible to use this as a time base if the resource is not used in the current mode. In order to provide smooth waveform generation even if A and B registers are changed on the fly, it is available the MCB, OPWFMB, OPWMB and OPWMCB modes. In these modes A and B registers are double buffered. They are presented in separated sections since there are several basic differences between these and the MC, OPWFM, OPWM and OPWMC modes, respectively. Notes: comparator A Counter Bus RWCB select FLAG register A1 register A2 Register A internal counter register B1 register B2 Register B comparator B EMIOSOn output flip-flop Prgm. filter To register B Edge detect To register A EMIOSIn counter bus [A] counter bus [B] EDPOL EDSEL FSM RQB IIB prescaler see note 1 UCPRE BSL MODE FORCMB FORCMA FCK IF UCIN UCOUT ipp_obe_mts_ucn Unified Channel internal counter clock UCPREN To internal counter UPDATE ODIS ODISSL Output disable control Bus EN EN see note 2 2. Goes to the FSM of the UC[n-1]. These signals 1. See Figure 32-1 to check how the counter buses are used for QDEC mode. [6:0] [1:0] [1:0] [1:0] [3:0] (with zero detection) mts_flag_outn driven. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |