Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 775 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 775 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 772Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 773Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 774Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 775Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 776Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 777Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 778Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 779Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
697
11000b0
Output Pulse Width Modulation Buffered
others
Reserved
1. b = adjust parameters for the mode of operation. Refer to section Section 32.13.1.1, “UC Modes of
Operation” for details.
Address UCn base address + 0x10
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R OVR
00000000000000
0
W
Reset:
000000000000000
0
15
14
13
12
11
10
9876543210
R
OVFL
000000000000
UCIN
FLAG
W OVFL
C
Reset:
000000000000000
0
= Unimplemented or reserved
Figure 32-11. eMIOS Status Register (UCSRn)
Table 32-17. UCSRn Field Descriptions
Field
Descriptions
31
OVR
OVRC
OVR — Overrun bit
The OVR bit indicates that FLAG generation occurred when the FLAG bit was already set.
0 Overrun has not occurred 1Overrun has occurred
OVRC — Overrun Clear bit
The OVR bit can be cleared either by clearing the FLAG bit or by writing a 1 to the OVRC bit.
0 Do not change OVR bit
1 Clear OVR bit
30–16
Reserved, should be cleared
Table 32-16. MODE Bits
MODE[6:0]1
mode of operation (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com