Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 771 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 771 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 767Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 768Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 769Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 770Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 772Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 773Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 774Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 775Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 771 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
693
29–28
ODISSL[1:
0]
The ODISSL[1:0] bits select one of the four output disable input signals, as shown in Table 32-12.
27–26
UCPRE[1:
0]
Prescaler bits . The UCPRE[1:0] bits select the clock divider value for the internal prescaler of Unified Channel, as
shown in Table 32-13.
25
UCPREN
Prescaler Enable bit. The UCPREN bit enables the prescaler counter.
0 Prescaler disabled (no clock) and prescaler counter is loaded with UCPRE[1:0] value
1 Prescaler enabled
24
DMA
Direct Memory Access bit . The DMA bit selects if the FLAG generation will be used as an interrupt or as a DMA
request.
0 FLAG assigned to Interrupt request
1 FLAG assigned to DMA request
23
Reserved, should be cleared.
Table 32-11. UCCRn Field Descriptions (Continued)
Table 32-12. ODISSL Selection
ODISSL[1:0]
input signal
00
Output Disable Input 0
01
Output Disable Input 1
10
Output Disable Input 2
11
Output Disable Input 3
Table 32-13. UC Internal Prescaler Clock Divider
UCPRE[1:0]
Divide ratio
00
1
01
2
10
3
11
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com