Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 768 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 768 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 765Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 766Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 767Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 768Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 769Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 770Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 772Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
690
Freescale Semiconductor
32.12.2.6 eMIOS B Register (UCBn)
Depending on the mode of operation, internal registers B1 or B2 can be assigned to address UCBn. Both
B1 and B2 are cleared by reset. Table 32-10 summarizes the UCBn writing and reading accesses for all
operation modes. For more information see section Section 32.13.1.1, “UC Modes of Operation”.
Address UCn base address + 0x00
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
000000000000000
0
W
Reset:
000000000000000
0
15
14
13
12
11
10
9876543210
R
A[15:0]
W
Reset:
000000000000000
0
= Unimplemented or Reserved
Figure 32-7. eMIOS A Register (UCAn)
Address UCn base address + 0x04
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
000000000000000
0
W
Reset:
000000000000000
0
15
14
13
12
11
10
9876543210
R
B[15:0]
W
Reset:
000000000000000
0
= Unimplemented or Reserved
Figure 32-8. eMIOS B register (UCBn)
Table 32-10. UCAn, UCBn and ALTAn values assignment
Operation Mode
Register access
write
read
write
read
alt read
GPIO
A1, A2
A1
B1,B2
B1
-
SAIC1
-
A2B2B2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com