Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 764 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 764 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 762Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 763Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 765Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 766Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 767Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 768Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
686
Freescale Semiconductor
Address
eMIOS base address + 0x00
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
MDIS
FRZ GTBE
0
0000000
W
Reset:
0
11
1. In MAC7200, the eMIOS is disabled after reset (MDIS = 1). This bit must be cleared after reset to enable the eMIOS.
000
0
0000000000
15
14
13
12
11
10
9876543210
R
GPRE[7:0]
00000000
W
Reset:
00000
0
0000000000
= Unimplemented or Reserved
Figure 32-3. eMIOS Module Configuration Register (MCR)
Table 32-6. MCR Field Descriptions
Field
Descriptions
31
DOZEEN
Doze Enable bit. Enable the eMIOS to enter low power mode when Doze Mode is requested at MCU level. The
doze mode is used to stop the clock of the block, except the access to registers MCR, OUDIS and UCDIS.
0 Not enable to enter low power mode when Doze Mode is requested.
1 Enable to enter low power mode when Doze Mode is requested
30
MDIS
Module Disable bit. Puts the eMIOS in low power mode. The MDIS bit is used to stop the clock of the block, except
the access to registers MCR, OUDIS and UCDIS.
0 Clock is running.
1 Enter low power mode.
29
FRZ
Freeze bit. Enable the eMIOS to freeze the registers of the Unified Channels when Debug Mode is requested at
MCU level. Each Unified Channel should have FREN bit set in order to enter freeze mode. While in Freeze mode,
the eMIOS continues to operate to allow the MCU access to the Unified Channels registers. The Unified Channel
will remain frozen until the FRZ bit is written to zero or the MCU exits Debug mode or the Unified Channel FREN
bit is cleared.
0 Exit freeze mode.
1 Stops Unified Channels operation when in Debug mode and the FREN bit is set in the UCCRn register
28
GTBE
Global Time Base Enable bit. The GTBE bit is used to export a Global Time Base Enable from the module and
provide a method to start time bases of several blocks simultaneously.
1 Global Time Base Enable Out signal asserted
0 Global Time Base Enable Out signal negated
Note: The Global Time Base Enable input pin controls the internal counters. When asserted, Internal counters are
enabled. When negated, Internal counters disabled.
27
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com