Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 765 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 765 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 762Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 763Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 765Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 766Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 767Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 768Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 769Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
687
32.12.2.2 eMIOS Global FLAG Register (GFLAG)
The GFLAG is a read-only register that groups the FLAG bits from all channels. This organization
improves interrupt handling on simpler devices. These bits are mirrors of the FLAG bits of each channel
register (UCSR).
26
GPREN
Global Prescaler Enable bit. The GPREN bit enables the prescaler counter.
0 Prescaler disabled (no clock) and prescaler counter is cleared
1 Prescaler enabled
25–16
Reserved, should be cleared.
15–8
GPRE[7:0
Global Prescaler bits. The GPRE[7:0] bits select the clock divider value for the global prescaler, as shown in
Table 32-7.
7–0
Reserved, should be cleared.
Table 32-6. MCR Field Descriptions (Continued)
Field
Descriptions
Table 32-7. Global Prescaler Clock Divider
GPRE[7:0]
Divide ratio
00000000
1
00000001
2
00000010
3
00000011
4
.
.
.
.
.
.
.
.
11111110
255
11111111
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com