Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 762 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 762 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 758Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 759Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 762Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 763Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 765Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 766Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
684
Freescale Semiconductor
32.11 External Signal Description
32.11.1 Overview
While each Unified Channel has one external input and one external output signal, as described in
Table 32-3, on the MAC72xx, the input and output signals for each channel are connected to a single
bidirectional pin EMIOSn (see Chapter 34, “Port Integration Module (PIM_MAC7202)”).
32.11.2 Detailed Signal Descriptions
32.11.2.1 EMIOSIn - eMIOS Unified Channel Input Signal
EMIOSIn is synchronized and filtered by the input programmable filter (IPF). The output of the IPF is then
used by the channel logic and is available to be read by the MCU through the UCIN bit of the UCSRn
register.
32.11.2.2 EMIOSOn - eMIOS Unified Channel Output Signal
EMIOSOn is a registered output and is available for reading by the MCU through the UCOUT bit of the
UCSRn register.
32.12 Memory Map/Register Definition
32.12.1 Memory Map
Addresses of Unified Channel registers are specified as offsets from the channel’s base address, otherwise
the eMIOS base address is used as reference.
The overall address map organization is shown in Table 32-4. Table 32-5 describes the Unified Channel
registers.
Attempts to access reserved addresses will result in a bus abort exception.
Table 32-3. External signals
Signal
Direction
Function
Reset State
Pull up
EMIOSIn
input
eMIOS Unified Channel n input
-
chip dependent
EMIOSOn
output
eMIOS Unified Channel n output
0/ Hi-Z1
1. Value “0” refers to the reset value of the signal. Hi-Z refers to the state of the external pin if a tristate output buffer is
controlled by the corresponding ipp_obe_mts_ucn signal.
chip dependent
Table 32-4. eMIOS Memory Map
eMIOS Addresses
Register Description
0x0000–0x0003
Module Configuration register (MCR)
0x0004–0x0007
Global FLAG register (GFLAG)
0x0008–0x000B
Output Update Disable (OUDIS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com