Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 760 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 760 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 756Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 757Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 758Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 759Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 762Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 763Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 764Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 760 / 976 page
background image
The eMIOS Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
682
Freescale Semiconductor
Figure 32-2. eMIOS Block Diagram for MAC72x1
32.10.3 Features
The basic features of the eMIOS on MAC72xx are as follows:
•
8/16 Unified Channels
•
Data registers 16 bits wide
See Note 1
[C]
[A]
[B]
[A]
•
•
•
•
•
•
Counter
Buses
(Time
Bases)
Counter
Buses
(Time
Bases)
All
Submodules
Internal
Counter
Clock
Enable
Internal
Output Disable Input[0:3]
Global Time
Base Enable In
Global Time
Base Enable Out
System
Clock
Enhanced Modular
BIU
Slave
Interface
Clock
Prescaler
Output Disable
Control Bus
Note 1: Connection between UC[n-1] and UCn necessary to implement QDEC mode.
Input/Output
•
•
•
•
•
•
Subsystem
Unified
Channel
15
EMIOS15 (See Note 2)
EMIOS_Flag_Out15
Unified
Channel
8
Unified
Channel
7
Unified
Channel
0
EMIOS8
EMIOS_Flag_Out8
EMIOS7
EMIOS_Flag_Out7
EMIOS0
EMIOS_Flag_Out0
EMIOS_Flag_Out8
EMIOS_Flag_Out9
EMIOS_Flag_Out10
EMIOS_Flag_Out11
Bus
Note 2: On channels 12–15, there is no input from EMIOS[12:15], but only from the DSPI module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com