Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 757 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 757 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 753Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 754Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 755Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 756Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 757Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 758Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 759Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 760Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 761Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 976 page
background image
eMIOS External Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
679
32.5
eMIOS External Pins
32.6
eMIOS Bus Aborts
The eMIOS module supports Peripheral Bus bus aborts, and enforces the following memory map:
Supervisor Access: Unused.
NOTE
The above memory map is for an 8 channel eMIOS only.The address
decoding is based on the number of channels implemented.
32.7
eMIOS Differences betwee MAC71xx and MAC72x2
•
Switched from 16 channels (Channels 0-15) to 8 channels (Channels 0-7)
— Use channels 0-7
— Channel 7 can now drive Counter Bus A
— Flag Out feature uses 3:0 instead of 15:12
•
Fixed MUCts01651: Write on bus abort still writes the register
•
Fixed MUCts01526: New eMIOS mode requested by customer (Block Guide not yet updated, See
eMIOS White Paper v0.7)
a) Latch the A2 and B2 registers into A1 and B1, respectively, on a match on B.
b) Always match on B, regardless of whether a match on A has occurred.
Table 32-1. eMIOS External Pins
Signal
Description
EMIOS0
Unified Channel 0
EMIOS1
Unified Channel 1
EMIOS2
Unified Channel 2
EMIOS3
Unified Channel 3
EMIOS4
Unified Channel 4
EMIOS5
Unified Channel 5
EMIOS6
Unified Channel 6
EMIOS7
Unified Channel 7
Table 32-2. eMIOS Bus Aborts
Abort
Allowed
0x0000–0x000f
0x0010–0x001f
0x0020–0x011f
0x0120–0x3fff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com