Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 772 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 772 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 768Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 769Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 770Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 771Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 772Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 773Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 774Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 775Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 776Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
694
Freescale Semiconductor
22–19
IF[3:0]
Input Filter bitsThe IF[3:0] bits control the programmable input filter, selecting the minimum input pulse width that
can pass through the filter, as shown in the forlowing table. . For output modes, these bits have no meaning.
18
FCK
Filter Clock select bit . The FCK bit selects the clock source for the programmable input filter.
0 prescaled clock
1 main clock
17
FEN
FLAG Enable bit. The FEN bit allows the Unified Channel FLAG bit to generate an interrupt signal or a DMA request
signal (The type of signal to be generated is defined by the DMA bit).
0 Disable (FLAG does not generate an interrupt or DMA request)
1 Enable (FlAG will generate an interrupt or DMA request)
16–14
Reserved, should be cleared.
13
FORCMA
Force Match A bitFor output modes, the FORCMA bit is equivalent to a successful comparison on comparator A
(except that the FLAG bit is not set). This bit is cleared by reset and is always read as zero. This bit is valid for every
output operation mode which uses comparator A, otherwise it has no effect.
0 Has no effect
1 Force a match at comparator A
For input modes, the FORCMA bit is not used and writing to it has no effect.
12
FORCMB
Force Match B bit. For output modes, the FORCMB bit is equivalent to a successful comparison on comparator B
(except that the FLAG bit is not set). This bit is cleared by reset and is always read as zero. This bit is valid for every
output operation mode which uses comparator B, otherwise it has no effect.
0 Has not effect
1 Force a match at comparator B
For input modes, the FORCMB bit is not used and writing to it has no effect.
11
Reserved, should be cleared.
Table 32-11. UCCRn Field Descriptions (Continued)
Table 32-14. Input Filter Bits
IF[3:0]1
1. Filter latency is 3 clock edges.
Minimum input Pulse width [FLT_CLK periods]
0000
bypassed2
2. The input signal is synchronized before arriving to the digital filter.
0001
02
0010
04
0100
08
1000
16
all others
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com