Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 69 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 69 Page - Intel Corporation

Back Button T2500 Datasheet HTML 65Page - Intel Corporation T2500 Datasheet HTML 66Page - Intel Corporation T2500 Datasheet HTML 67Page - Intel Corporation T2500 Datasheet HTML 68Page - Intel Corporation T2500 Datasheet HTML 69Page - Intel Corporation T2500 Datasheet HTML 70Page - Intel Corporation T2500 Datasheet HTML 71Page - Intel Corporation T2500 Datasheet HTML 72Page - Intel Corporation T2500 Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
Datasheet
69
Package Mechanical Specifications and Pin Information
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
A3
SMI#
CMOS
Input
A4
VSS
Power/Other
A5
FERR#
Open Drain
Output
A6
A20M#
CMOS
Input
A7
VCC
Power/Other
A8
VSS
Power/Other
A9
VCC
Power/Other
A10
VCC
Power/Other
A11
VSS
Power/Other
A12
VCC
Power/Other
A13
VCC
Power/Other
A14
VSS
Power/Other
A15
VCC
Power/Other
A16
VSS
Power/Other
A17
VCC
Power/Other
A18
VCC
Power/Other
A19
VSS
Power/Other
A20
VCC
Power/Other
A21
BCLK[1]
Bus Clock
Input
A22
BCLK[0]
Bus Clock
Input
A23
VSS
Power/Other
A24
THERMDA
Power/Other
A25
THERMDC
Power/Other
A26
VSS
Power/Other
AA1
RSVD
Reserved
AA2
VSS
Power/Other
AA3
RSVD
Reserved
AA4
RSVD
Reserved
AA5
VSS
Power/Other
AA6
TDI
CMOS
Input
AA7
VCC
Power/Other
AA8
VSS
Power/other
AA9
VCC
Power/Other
AA10
VCC
Power/Other
AA11
VSS
Power/Other
AA12
VCC
Power/Other
AA13
VCC
Power/Other
AA14
VSS
Power/Other
AA15
VCC
Power/Other
AA16
VSS
Power/Other
AA17
VCC
Power/Other
AA18
VCC
Power/Other
AA19
VSS
Power/Other
AA20
VCC
Power/Other
AA21
D[51]#
Source
Synch
Input/
Output
AA22
VSS
Power/Other
AA23
D[32]#
Source
Synch
Input/
Output
AA24
D[47]#
Source
Synch
Input/
Output
AA25
VSS
Power/Other
AA26
D[43]#
Source
Synch
Input/
Output
AB1
VSS
Power/Other
AB2
RSVD
Reserved
AB3
TDO
Open Drain
Output
AB4
VSS
Power/Other
AB5
TMS
CMOS
Input
AB6
TRST#
CMOS
Input
AB7
VCC
Power/Other
AB8
VSS
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com