Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 36 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 36 Page - Intel Corporation

Back Button T2500 Datasheet HTML 32Page - Intel Corporation T2500 Datasheet HTML 33Page - Intel Corporation T2500 Datasheet HTML 34Page - Intel Corporation T2500 Datasheet HTML 35Page - Intel Corporation T2500 Datasheet HTML 36Page - Intel Corporation T2500 Datasheet HTML 37Page - Intel Corporation T2500 Datasheet HTML 38Page - Intel Corporation T2500 Datasheet HTML 39Page - Intel Corporation T2500 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
Electrical Specifications
36
Datasheet
NOTE: For low voltage, if PSI# is not asserted, then the 13-mV ripple allowance becomes 10 mV.
Figure 4.
Deeper Sleep VCC and ICC Loadline for Intel Core Duo Processor (SV, LV & ULV)
and Intel Core Solo Processor SV
ICC-CORE max
{Deeper Sleep}
VCC-CORE [V]
VCC-CORE nom
{Deeper Sleep}
+/-VCC-CORE Tolerance
= VR St. Pt. Error 1/
VCC-CORE, DC min
{Deeper Sleep}
VCC-CORE, DC max
{Deeper Sleep}
VCC-CORE max {Deeper Sleep}
VCC-CORE min {Deeper Sleep}
13mV= RIPPLE
for PSI# Asserted
ICC-CORE
[A]
0
Slope = -2.1 mV/A at package
VccSense, VssSense pins.
Differential Remote Sense required.
No t e 1 / D e ep er Sl ee p V CC- CO RE Set Poi n t Er ror T o l e ran c e i s pe r be l o w :
T o l e ra nce - PSI # R i p p l e
V CC-CO RE V I D V o ltag e R a ng e
--- ---- ---- ---- --- ---- ---- --- -
--- ---- --- ---- ---- ---- --- ---- ---- --- ---- ---- ---- --- ---- -
+ / -[ (V ID *1 .5 % ) - 3 m V ]
V CC-CO RE > 0 . 7 500 V
+/- ( 11.5 mV - 3 mV )
0 . 7 500 V < V CC- CO RE < 0. 50 00 V
+/ - ( 2 5 m V - 3 mV )
0 . 5 000V < V CC- CO RE < 0. 41 25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com