Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 64 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 64 Page - Intel Corporation

Back Button T2500 Datasheet HTML 60Page - Intel Corporation T2500 Datasheet HTML 61Page - Intel Corporation T2500 Datasheet HTML 62Page - Intel Corporation T2500 Datasheet HTML 63Page - Intel Corporation T2500 Datasheet HTML 64Page - Intel Corporation T2500 Datasheet HTML 65Page - Intel Corporation T2500 Datasheet HTML 66Page - Intel Corporation T2500 Datasheet HTML 67Page - Intel Corporation T2500 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
Package Mechanical Specifications and Pin Information
64
Datasheet
VCC
AC12
Power/Other
VCC
AF12
Power/Other
VCC
AE12
Power/Other
VCC
AB10
Power/Other
VCC
AB9
Power/Other
VCC
AA10
Power/Other
VCC
AA9
Power/Other
VCC
AD10
Power/Other
VCC
AD9
Power/Other
VCC
AC10
Power/Other
VCC
AC9
Power/Other
VCC
AF10
Power/Other
VCC
AF9
Power/Other
VCC
AE10
Power/Other
VCC
AE9
Power/Other
VCC
AB7
Power/Other
VCC
AA7
Power/Other
VCC
AD7
Power/Other
VCC
AC7
Power/Other
VCC
B20
Power/Other
VCC
A20
Power/Other
VCC
F20
Power/Other
VCC
E20
Power/Other
VCC
B18
Power/Other
VCC
B17
Power/Other
VCC
A18
Power/Other
VCC
A17
Power/Other
VCC
D18
Power/Other
VCC
D17
Power/Other
VCC
C18
Power/Other
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
VCC
C17
Power/Other
VCC
F18
Power/Other
VCC
F17
Power/Other
VCC
E18
Power/Other
VCC
E17
Power/Other
VCC
B15
Power/Other
VCC
A15
Power/Other
VCC
D15
Power/Other
VCC
C15
Power/Other
VCC
F15
Power/Other
VCC
E15
Power/Other
VCC
B14
Power/Other
VCC
A13
Power/Other
VCC
D14
Power/Other
VCC
C13
Power/Other
VCC
F14
Power/Other
VCC
E13
Power/Other
VCC
B12
Power/Other
VCC
A12
Power/Other
VCC
D12
Power/Other
VCC
C12
Power/Other
VCC
F12
Power/Other
VCC
E12
Power/Other
VCC
B10
Power/Other
VCC
B9
Power/Other
VCC
A10
Power/Other
VCC
A9
Power/Other
VCC
D10
Power/Other
VCC
D9
Power/Other
VCC
C10
Power/Other
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com