Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 40 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 40 Page - Intel Corporation

Back Button T2500 Datasheet HTML 36Page - Intel Corporation T2500 Datasheet HTML 37Page - Intel Corporation T2500 Datasheet HTML 38Page - Intel Corporation T2500 Datasheet HTML 39Page - Intel Corporation T2500 Datasheet HTML 40Page - Intel Corporation T2500 Datasheet HTML 41Page - Intel Corporation T2500 Datasheet HTML 42Page - Intel Corporation T2500 Datasheet HTML 43Page - Intel Corporation T2500 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
Electrical Specifications
40
Datasheet
.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
The VCCP referred to in these specifications refers to instantaneous VCCP.
3.
Reserved.
4.
Measured at 0.1*VCCP.
5.
Measured at 0.9*VCCP.
6.
For Vin between 0 V and VCCP. Measured when the driver is tristated.
7.
Cpad1 includes die capacitance only for DPRSTP#, DPSLP#,PWRGOOD. No package parasitics are included.
8.
Cpad2 includes die capacitance for all other CMOS input signals. No package parasitics are included.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Measured at 0.2*VCCP.
3.
VOH is determined by value of the external pullup resistor to VCCP. Please contact your Intel representative
for details.
4.
For Vin between 0 V and VOH.
5.
Cpad includes die capacitance only. No package parasitics are included.
§
Table 13.
CMOS Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
1.0
1.05
1.10
V
VIL
Input Low Voltage CMOS
-0.1
0.0
0.33
V
2, 3
VIH
Input High Voltage
0.7
1.05
1.20
V
2
VOL
Output Low Voltage
-0.1
0
0.11
V
2
VOH
Output High Voltage
0.9
VCCP
1.20
V
2
IOL
Output Low Current
1.3
4.1
mA
4
IOH
Output High Current
1.3
4.1
mA
5
ILI
Input Leakage Current
±100
µA
6
Cpad1
Pad Capacitance
1.8
2.3
2.75
pF
7
Cpad2
Pad Capacitance for CMOS Input
0.95
1.2
1.45
pF
8
Table 14.
Open Drain Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VOH
Output High Voltage
1.0
1.05
1.10
V
3
VOL
Output Low Voltage
0
0.20
V
IOL
Output Low Current
11.40
50
mA
2
ILeak
Output Leakage Current
±200
µA
4
Cpad
Pad Capacitance
1.8
2.3
2.75
pF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com