Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 62 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 62 Page - Intel Corporation

Back Button T2500 Datasheet HTML 58Page - Intel Corporation T2500 Datasheet HTML 59Page - Intel Corporation T2500 Datasheet HTML 60Page - Intel Corporation T2500 Datasheet HTML 61Page - Intel Corporation T2500 Datasheet HTML 62Page - Intel Corporation T2500 Datasheet HTML 63Page - Intel Corporation T2500 Datasheet HTML 64Page - Intel Corporation T2500 Datasheet HTML 65Page - Intel Corporation T2500 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
Package Mechanical Specifications and Pin Information
62
Datasheet
DINV[1]#
M26
Source
Synch
Input/
Output
DINV[2]#
V23
Source
Synch
Input/
Output
DINV[3]#
AC20
Source
Synch
Input/
Output
DPRSTP#
E5
CMOS
Input
DPSLP#
B5
CMOS
Input
DPWR#
D24
Common
Clock
Input
DRDY#
F21
Common
Clock
Input/
Output
DSTBN[0]
#
H23
Source
Synch
Input/
Output
DSTBN[1]
#
M24
Source
Synch
Input/
Output
DSTBN[2]
#
W24
Source
Synch
Input/
Output
DSTBN[3]
#
AD23
Source
Synch
Input/
Output
DSTBP[0]
#
G22
Source
Synch
Input/
Output
DSTBP[1]
#
N25
Source
Synch
Input/
Output
DSTBP[2]
#
Y25
Source
Synch
Input/
Output
DSTBP[3]
#
AE24
Source
Synch
Input/
Output
FERR#
A5
Open Drain
Output
GTLREF
AD26
Power/Other
Input
HIT#
G6
Common
Clock
Input/
Output
HITM#
E4
Common
Clock
Input/
Output
IERR#
D20
Open Drain
Output
IGNNE#
C4
CMOS
Input
INIT#
B3
CMOS
Input
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
LINT0
C6
CMOS
Input
LINT1
B4
CMOS
Input
LOCK#
H4
Common
Clock
Input/
Output
PRDY#
AC2
Common
Clock
Output
PREQ#
AC1
Common
Clock
Input
PROCHOT
#
D21
Open Drain
Input/
Output
PSI#
AE6
CMOS
Output
PWRGOOD
D6
CMOS
Input
REQ[0]#
K3
Source
Synch
Input/
Output
REQ[1]#
H2
Source
Synch
Input/
Output
REQ[2]#
K2
Source
Synch
Input/
Output
REQ[3]#
J3
Source
Synch
Input/
Output
REQ[4]#
L5
Source
Synch
Input/
Output
RESET#
B1
Common
Clock
Input
RS[0]#
F3
Common
Clock
Input
RS[1]#
F4
Common
Clock
Input
RS[2]#
G3
Common
Clock
Input
RSVD
D2
Reserved
RSVD
F6
Reserved
RSVD
D3
Reserved
RSVD
C1
Reserved
RSVD
AF1
Reserved
RSVD
D22
Reserved
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com