Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 38 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 38 Page - Intel Corporation

Back Button T2500 Datasheet HTML 34Page - Intel Corporation T2500 Datasheet HTML 35Page - Intel Corporation T2500 Datasheet HTML 36Page - Intel Corporation T2500 Datasheet HTML 37Page - Intel Corporation T2500 Datasheet HTML 38Page - Intel Corporation T2500 Datasheet HTML 39Page - Intel Corporation T2500 Datasheet HTML 40Page - Intel Corporation T2500 Datasheet HTML 41Page - Intel Corporation T2500 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
Electrical Specifications
38
Datasheet
Figure 6.
Deeper Sleep VCC and ICC Loadline for Intel Core Solo Processor ULV
ICC-CORE max
{Deeper Sleep}
VCC-CORE[V]
VCC-COREnom
{Deeper Sleep}
+/-VCC-CORETolerance
=VRSt. Pt. Error 1/
VCC-CORE,DC min
{Deeper Sleep}
VCC-CORE,DC max
{Deeper Sleep}
VCC-COREmax{Deeper Sleep}
VCC-COREmin{Deeper Sleep}
10mV=RIPPLE
ICC-CORE
[A]
0
Slope=-5.1mV/Aat package
VccSense, VssSensepins.
Differential RemoteSenserequired.
Note 1/ Deeper Sleep VCC-CORE Set Point Error Tolerance is per below:
Tolerance
VCC-CORE VID Voltage Range
------------------------------
--------------------------------------------------------
+/- (VID*1.5%)
VCC-CORE > 0.7500V
+/- 11.5 mV
0.7500V < VCC-CORE < 0.5000V
+/- 25 mV
0.5000V < VCC-CORE < 0.4125V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com