Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 14 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 14 Page - Intel Corporation

Back Button T2500 Datasheet HTML 10Page - Intel Corporation T2500 Datasheet HTML 11Page - Intel Corporation T2500 Datasheet HTML 12Page - Intel Corporation T2500 Datasheet HTML 13Page - Intel Corporation T2500 Datasheet HTML 14Page - Intel Corporation T2500 Datasheet HTML 15Page - Intel Corporation T2500 Datasheet HTML 16Page - Intel Corporation T2500 Datasheet HTML 17Page - Intel Corporation T2500 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
Low Power Features
14
Datasheet
2.1.1.5
Core C3 State
Core C3 state is a very low power state the processor core can enter while maintaining
context. Individual cores of the Intel Core Duo processor and Intel Core Solo processor
can enter the C3 state by initiating a P_LVL3 I/O read to the P_BLK or an MWAIT(C3)
instruction. Before entering the C3 state, the processor core flushes the contents of its
L1 caches into the processor’s L2 cache. Except for the caches, the processor core
maintains all its architectural state in the C3 state. The Monitor remains armed if it is
configured. All of the clocks in the processor core are stopped in the C3 state.
Because the core’s caches are flushed the processor keeps the core in the C3 state
when the processor detects a snoop on the FSB or when the other core of the dual core
processor accesses cacheable memory. The processor core will transition to the C0
state upon the occurrence of a Monitor event, SMI#, INIT#, LINT[1:0] (NMI, INTR), or
FSB interrupt message. RESET# will cause the processor core to immediately initialize
itself.
2.1.1.6
Core C4 State
Individual cores of the Intel Core Duo processor and Intel Core Solo processor can
enter the C4 state by initiating a P_LVL4 I/O read to the P_BLK or an MWAIT(C4)
instruction. The processor core behavior in the C4 state is identical to the behavior in
the C3 state. The only difference is that if both processor cores are in C4, then the
central power management logic will request that the entire dual core processor enter
the Deeper Sleep package low power state (see Section 2.1.2.5). The single core
processor would be put into the Deeper Sleep State in C4 state if the low power state
coordination logic is enabled.
To enable the package level Intel Enhanced Deeper Sleep Low Voltage, Dynamic Cache
Sizing and Intel Enhanced Deeper Sleep state fields must be configured in the software
programmable MSR.
2.1.2
Package Low Power States
The package level low power states are applicable for the Intel Core Duo processor as
well as the Intel Core Solo processor. The package level low power states are described
in Section 2.1.2.1 through Section Section 2.1.2.6.
2.1.2.1
Normal State
This is the normal operating state for the processor. The processor enters the Normal
state when at least one of its cores is in the C0, C1/AutoHALT, or C1/MWAIT state.
2.1.2.2
Stop-Grant State
When the STPCLK# pin is asserted, each core of the Intel Core Duo processor and Intel
Core Solo processor enters the Stop-Grant state within 20 bus clocks after the
response phase of the processor-issued Stop Grant Acknowledge special bus cycle.
Processor cores that are already in the C2, C3, or C4 state remain in their current low-
power state. When the STPCLK# pin is deasserted, each core returns to its previous
core low power state.
Since the AGTL+ signal pins receive power from the FSB, these pins should not be
driven (allowing the level to return to VCCP) for minimum power drawn by the
termination resistors in this state. In addition, all other input pins on the FSB should be
driven to the inactive state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com