Electronic Components Datasheet Search
  English  ▼

X  

T2500 Datasheet(PDF) 52 Page - Intel Corporation

Part # T2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T2500 Datasheet(HTML) 52 Page - Intel Corporation

Back Button T2500 Datasheet HTML 48Page - Intel Corporation T2500 Datasheet HTML 49Page - Intel Corporation T2500 Datasheet HTML 50Page - Intel Corporation T2500 Datasheet HTML 51Page - Intel Corporation T2500 Datasheet HTML 52Page - Intel Corporation T2500 Datasheet HTML 53Page - Intel Corporation T2500 Datasheet HTML 54Page - Intel Corporation T2500 Datasheet HTML 55Page - Intel Corporation T2500 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
Package Mechanical Specifications and Pin Information
52
Datasheet
DINV[3:0]#
Input/
Output
DINV[3:0]# (Data Bus Inversion) are source synchronous and
indicate the polarity of the D[63:0]# signals. The DINV[3:0]#
signals are activated when the data on the data bus is inverted. The
bus agent will invert the data bus signals if more than half the bits,
within the covered group, would change level in the next cycle.
DPRSTP#
Input
DPRSTP# when asserted on the platform causes the processor to
transition from the Deep Sleep State to the Deeper Sleep state. In
order to return to the Deep Sleep State, DPRSTP# must be
deasserted. DPRSTP# is driven by the Intel® ICH7M chipset.
DPSLP#
Input
DPSLP# when asserted on the platform causes the processor to
transition from the Sleep State to the Deep Sleep state. In order to
return to the Sleep State, DPSLP# must be deasserted. DPSLP# is
driven by the ICH7M chipset.
DPWR#
Input
DPWR# is a control signal from the Mobile Intel 945 Express
Chipset family used to reduce power on the processor data bus
input buffers.
DRDY#
Input/
Output
DRDY# (Data Ready) is asserted by the data driver on each data
transfer, indicating valid data on the data bus. In a multi-common
clock data transfer, DRDY# may be deasserted to insert idle clocks.
This signal must connect the appropriate pins of both FSB agents.
DSTBN[3:0]#
Input/
Output
Data strobe used to latch in D[63:0]#.
DSTBP[3:0]#
Input/
Output
Data strobe used to latch in D[63:0]#.
Table 17.
Signal Description (Sheet 4 of 9)
Name
Type
Description
DINV[3:0]# Assignment to Data Bus
Bus Signal
Data Bus
Signals
DINV[3]#
D[63:48]#
DINV[2]#
D[47:32]#
DINV[1]#
D[31:16]#
DINV[0]#
D[15:0]#
Signals
Associated
Strobe
D[15:0]#, DINV[0]#
DSTBN[0]#
D[31:16]#, DINV[1]#
DSTBN[1]#
D[47:32]#, DINV[2]#
DSTBN[2]#
D[63:48]#, DINV[3]#
DSTBN[3]#
Signals
Associated
Strobe
D[15:0]#, DINV[0]#
DSTBP[0]#
D[31:16]#, DINV[1]#
DSTBP[1]#
D[47:32]#, DINV[2]#
DSTBP[2]#
D[63:48]#, DINV[3]#
DSTBP[3]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com